Part Number Hot Search : 
TBP04G NTMFS493 AMP2009 CS422202 TSC302 CD4047 SB180 SR6B6K09
Product Description
Full Text Search
 

To Download UN0231C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs PA Module
UN0231C
RF Power Amplifier Module
Unit : mm
For the preamplifier of the transmitting section in a cellular phone s Features
* High efficiency with super miniature, 0.08 cc package(7.5 x 7.5 x 1.7 mm)
0.8
12
11
10
1 2 3
6 7.3 7.50.15 5 4 4.0
s Absolute Maximum Ratings Ta=25C
Parameter Power supply voltage 1 *1 Power supply voltage 2 *1 Circuit current 1 Circuit current 2 Gate voltage Max input power Allowable power dissipation Case temperature *2 Storage temperature Symbol VDD1 VDD2 IDD1 IDD2 VGG PIN PD Tcase Tstg Ratings 6 6 200 800 -4 10 2 -30 to +110 -30 to +120 Unit V V mA mA V dBm W C C
1 : PIN 2 : VDD1 3 : VDD2 4 : POUT
4-0.7
7
8 (0.9) 2-1.2 4.0 7.50.15
9 1.50.2 0.59 Tolerance dimension without indication : 0.3
5 : GND 6 : VGG 7 : GND 8 : GND PAM01
9 : GND 10 : GND 11 : GND 12 : GND
Note) 1. The reverse of the device is solderd to the plate 2. *1 : VGG=-3.5 V *2 : Tcase=25C
s Electrical Characteristics VGG=-2.5 V, f=824 MHz to 849 MHz, Ta=25C3C, Nominal : ZS=ZL=50
Parameter Idle current Gate current
*1
Symbol Iidle IGG IDD1 IDD2 G1 G2 2fO 3fO 4fO
*1
Conditions VDD1=VDD2=3.5 V, PIN=No VDD1=VDD2=3.5 V, POUT=30.5 dBm VDD1=VDD2=3.5 V, POUT=30.5 dBm VDD1=VDD2=3.5 V, POUT=27.0 dBm VDD1=VDD2=3.5 V, POUT=30.5 dBm VDD1=VDD2=3.5 V, POUT=27.0 dBm VDD1=VDD2=3.5 V, POUT=30.5 dBm VDD1=VDD2=3.5 V, POUT=30.5 dBm VDD1=VDD2=3.5 V, POUT=30.5 dBm VDD1=VDD2=3.5 V, POUT=27.0 dBm VDD1=VDD2=3.5 V, POUT=27.0 dBm 900 kHz Detuning, 30 kHz Bandwidth VDD1=VDD2=3.5 V, POUT=27.0 dBm 1980 kHz Detuning, 30 kHz Bandwidth
min
typ 110
max 140 4
Unit mA mA mA mA dB dB
Circuit current 1 *1 Circuit current 2 Gain 1 *1 Gain 2
*2 *2
600 390 24.0 25.5 26.5 27.5
670 440
2nd harmonics *1 3rd harmonics *1 4th harmonics *1 Voltage standing wave ratio Adjacent channel leakage power suppression 1 *2 Adjacent channel leakage power suppression 2 *2 Note) *1 : No modulation. *2 : Offset from QPSK signal.
-30 -30 -30 3 -45 -57
dBc dBc dBc dBc dBc
VSWR IN ACPR1 ACPR2
1


▲Up To Search▲   

 
Price & Availability of UN0231C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X